Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 97 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 93Page - Texas Instruments PCM5252 Datasheet HTML 94Page - Texas Instruments PCM5252 Datasheet HTML 95Page - Texas Instruments PCM5252 Datasheet HTML 96Page - Texas Instruments PCM5252 Datasheet HTML 97Page - Texas Instruments PCM5252 Datasheet HTML 98Page - Texas Instruments PCM5252 Datasheet HTML 99Page - Texas Instruments PCM5252 Datasheet HTML 100Page - Texas Instruments PCM5252 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 119 page
background image
PCM5252
www.ti.com
SLASE63 – NOVEMBER 2014
0011: SCK = 64 FS
0100: SCK = 128 FS
0101: SCK = 192 FS
0110: SCK = 256 FS
0111: SCK = 384 FS
1000: SCK = 512 FS
1001: SCK = 768 FS
1010: SCK = 1024 FS
1011: SCK = 1152 FS
1100: SCK = 1536 FS
1101: SCK = 2048 FS
1110: SCK = 3072 FS
Page 0 / Register 92
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
92
5C
RSV
RSV
RSV
RSV
RSV
RSV
RSV
DTBR8
Reset Value
Page 0 / Register 93
93
5D
DTBR7
DTBR6
DTBR5
DTBR4
DTBR3
DTBR2
DTBR1
DTBR0
Reset Value
RSV
Reserved
Reserved. Do not access.
DTBR[8:0]
Detected BCK Ratio (MSB) (Read Only)
These bits indicate the currently detected BCK ratio, i.e. the number of BCK clocks in one audio frame. Note
that for extreme case of BCK = 1 FS (which is not usable anyway), the detected ratio will be unreliable.
Page 0 / Register 94
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
94
5E
RSV
CDST
PLL-L
LrckBck
fS-SCKr
SCKval
BCKval
fSval
Reset Value
RSV
Reserved
Reserved. Do not access.
CDST
Clock Detector Status (Read Only)
This bit indicates whether the SCK clock is present or not.
0: SCK is present
1: SCK is missing (halted)
PLL-L
PLL locked (Read Only)
This bit indicates whether the PLL is locked or not. The PLL will be reported as unlocked when it is disabled.
0: PLL is locked
1: PLL is unlocked
LrckBck
LRCK-BCK present (Read Only)
This bit indicates whether the both LRCK and BCK are missing (tied low) or not.
0: LRCK and/or BCK is present
1: LRCK and BCK are missing
fS-SCKr
Sample rate SCK ratio valid (Read Only)
This bit indicates whether the combination of current sampling rate and SCK ratio is valid for clock auto set.
0: The combination of FS/SCK ratio is valid
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
97
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com