Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 83 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 79Page - Texas Instruments PCM5252 Datasheet HTML 80Page - Texas Instruments PCM5252 Datasheet HTML 81Page - Texas Instruments PCM5252 Datasheet HTML 82Page - Texas Instruments PCM5252 Datasheet HTML 83Page - Texas Instruments PCM5252 Datasheet HTML 84Page - Texas Instruments PCM5252 Datasheet HTML 85Page - Texas Instruments PCM5252 Datasheet HTML 86Page - Texas Instruments PCM5252 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 119 page
background image
PCM5252
www.ti.com
SLASE63 – NOVEMBER 2014
Page 0 / Register 32
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
32
20
RSV
DBCK6
DBCK5
DBCK4
DBCK3
DBCK2
DBCK1
DBCK0
Reset Value
0
0
0
0
0
0
0
RSV
Reserved
Reserved. Do not access.
DBCK[6:0]
Master Mode BCK Divider
These bits set the SCK divider value to generate I2S master BCK clock.
Default value: 0000000
0000000: Divide by 1
0000001: Divide by 2
...
1111111: Divide by 128
Page 0 / Register 33
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
33
21
DLRK7
DLRK6
DLRK5
DLRK4
DLRK3
DLRK2
DLRK1
DLRK0
Reset Value
0
0
0
0
0
0
0
0
DLRK[7:0]
Master Mode LRCK Divider
These bits set the I2S master BCK clock divider value to generate I2S master LRCK clock.
Default value: 00000000
00000000: Divide by 1
00000001: Divide by 2
...
11111111: Divide by 256
Page 0 / Register 34
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
34
22
RSV
RSV
RSV
I16E
RSV
RSV
FSSP1
FSSP0
Reset Value
0
0
0
RSV
Reserved
Reserved. Do not access.
I16E
16x Interpolation
This bit enables or disables the 16x interpolation mode
Default value: 0
0: 8x interpolation
1: 16x interpolation
FSSP[1:0]
FS Speed Mode
These bits select the FS operation mode, which must be set according to the current audio sampling rate.
These bits are ignored in clock auto set mode.
Default value: 00
00: Single speed (FS
≤ 48 kHz)
01: Double speed (48 kHz < FS
≤ 96 kHz)
10: Quad speed (96 kHz < FS
≤ 192 kHz)
11: Octal speed (192 kHz < FS
≤ 384 kHz)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
83
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com