| Electronic Components Datasheet Search |
|
PCM5252 Datasheet(PDF) 98 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM5252 Datasheet(HTML) 98 Page - Texas Instruments |
|
98 / 119 page ![]() PCM5252 SLASE63 – NOVEMBER 2014 www.ti.com 1: Error (clock auto set is not possible) SCKval SCK valid (Read Only) This bit indicates whether the SCK is valid or not. The SCK ratio must be detectable to be valid. There is a limitation with this flag, that is, when the low period of LRCK is less than or equal to 5 BCKs, this flag will be asserted (SCK invalid reported). 0: SCK is valid 1: SCK is invalid BCKval BCK valid (Read Only) This bit indicates whether the BCK is valid or not. The BCK ratio must be stable and in the range of 32-256FS to be valid. 0: BCK is valid 1: BCK is invalid fSval fS valid (Read Only) This bit indicated whether the audio sampling rate is valid or not. The sampling rate must be detectable to be valid. There is a limitation with this flag, that is when this flag is asserted and Page 0 / Register 37 is set to ignore all asserted error flags such that the DAC recovers, this flag will be de-asserted (sampling rate invalid not reported anymore). 0: Sampling rate is valid 1: Sampling rate is invalid Page 0 / Register 95 Dec Hex b7 b6 b5 b4 b3 b2 b1 b0 95 5F RSV RSV RSV LTSH RSV CKMF CSRF CERF Reset Value RSV Reserved Reserved. Do not access. LTSH Latched Clock Halt (Read Only) This bit indicates whether SCK halt has occurred. The bit is cleared when read. 0: SCK halt has not occurred 1: SCK halt has occurred since last read CKMF Clock Missing (Read Only) This bit indicates whether the LRCK and BCK are missing (tied low). 0: LRCK and/or BCK is present 1: LRCK and BCK are missing CSRF Clock Resync Request (Read Only) This bit indicates whether the clock resynchronization is in progress. 0: Not resynchronizing 1: Clock resynchronization is in progress CERF Clock Error (Read Only) This bit indicates whether a clock error is being reported. 0: Clock is valid 1: Clock is invalid (Error) Page 0 / Register 108 Dec Hex b7 b6 b5 b4 b3 b2 b1 b0 108 6C RSV RSV RSV RSV RSV RSV AMLM AMRM Reset Value 98 Submit Documentation Feedback Copyright © 2014, Texas Instruments Incorporated Product Folder Links: PCM5252 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |