Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 5Page - Texas Instruments PCM5252 Datasheet HTML 6Page - Texas Instruments PCM5252 Datasheet HTML 7Page - Texas Instruments PCM5252 Datasheet HTML 8Page - Texas Instruments PCM5252 Datasheet HTML 9Page - Texas Instruments PCM5252 Datasheet HTML 10Page - Texas Instruments PCM5252 Datasheet HTML 11Page - Texas Instruments PCM5252 Datasheet HTML 12Page - Texas Instruments PCM5252 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 119 page
background image
PCM5252
www.ti.com
SLASE63 – NOVEMBER 2014
Electrical Characteristics (continued)
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512fS and 24-bit data unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Output
Single Ended Output voltage
2.1
VRMS
Differential Output Voltage
4.2
VRMS
Gain error
–6
±2.0
6
% of FSR
Gain mismatch, channel-to-
–6
±0.5
6
% of FSR
channel
Bipolar zero error (per output pin)
At bipolar zero
–2
±1.0
2
mV
Load impedance
5
k
Ω
Filter Characteristics–1: Normal (8x)
Pass band
0.45fS
kHz
Stop band
0.55fS
Stop band attenuation
–60
dB
Pass-band ripple
±0.02
Delay time
20tS
s
Filter Characteristics–2: Low Latency (8x)
Pass band
0.47fS
kHz
Stop band
0.55fS
Stop band attenuation
–52
dB
Pass-band ripple
±0.0001
Delay time
3.5tS
s
Filter Characteristics–3: Asymmetric FIR (8x)
Pass band
0.40fS
kHz
Stop band
0.72fS
Stop band attenuation
–52
dB
Pass-band ripple
±0.05
Delay time
1.2tS
s
Filter Characteristics–4: High-Attenuation (8x)
Pass band
0.45fS
kHz
Stop band
0.45fS
Stop band attenuation
–100
dB
Pass-band ripple
±0.0005
Delay time
33.7tS
s
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com