Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 9Page - Texas Instruments PCM5252 Datasheet HTML 10Page - Texas Instruments PCM5252 Datasheet HTML 11Page - Texas Instruments PCM5252 Datasheet HTML 12Page - Texas Instruments PCM5252 Datasheet HTML 13Page - Texas Instruments PCM5252 Datasheet HTML 14Page - Texas Instruments PCM5252 Datasheet HTML 15Page - Texas Instruments PCM5252 Datasheet HTML 16Page - Texas Instruments PCM5252 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 119 page
background image
XSMT
0.9 * DV
DD
t
r
t
f
<20ns
<20ns
0.1 * DV
DD
BCK
tBCH
tBCL
tBCY
tDS
tDH
tLRD
DATA
LRCK
0. 5 * DVDD
0. 5 * DVDD
0. 5 * DVDD
( Output)
( Output)
( Output)
tDOD
DATA
0. 5 * DVDD
( Input)
PCM5252
www.ti.com
SLASE63 – NOVEMBER 2014
The I2S master timing is shown in Figure 6.
MIN
TYP
MAX
UNIT
tBCY
BCK Pulse Cycle Time
40
ns
tBCL
BCK Pulse Width LOW
16
ns
tBCH
BCK Pulse Width HIGH
16
ns
tBCK
BCK frequency at DVDD = 3.3V
24.576
MHz
tBCK(1.8V)
BCK frequency at DVDD = 1.8V
12.288
MHz
tLRD
LRCKx delay time from BCKx falling edge
–10
20
ns
tDS
DATA Set Up Time
8
ns
tDH
DATA Hold Time
8
ns
tDOD
DATA delay time from BCK falling edge at DVDD = 3.3V
15
ns
tDOD(1.8V)
DATA delay time from BCK falling edge at DVDD = 1.8V
20
ns
Figure 6. PCM5252 Serial Audio Timing - Master
8.9 Timing Requirements: XSMT
MIN
TYP
MAX
UNIT
tr
Rise time
20
ns
tf
Fall time
20
ns
Figure 7. XSMT Timing for Soft Mute and Soft Un-Mute
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com