Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 17Page - Texas Instruments PCM5252 Datasheet HTML 18Page - Texas Instruments PCM5252 Datasheet HTML 19Page - Texas Instruments PCM5252 Datasheet HTML 20Page - Texas Instruments PCM5252 Datasheet HTML 21Page - Texas Instruments PCM5252 Datasheet HTML 22Page - Texas Instruments PCM5252 Datasheet HTML 23Page - Texas Instruments PCM5252 Datasheet HTML 24Page - Texas Instruments PCM5252 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 119 page
background image
PCM5252
www.ti.com
SLASE63 – NOVEMBER 2014
TDM/DSP Data Format; L-channel = FIRST, R-channel = LAST with OFFSET = 1
Figure 22. TDM/DSP 2 Audio Data Format
TDM/DSP Data Format; L-channel = FIRST, R-channel = LAST with OFFSET = N
Figure 23. TDM/DSP 3 Audio Data Format
9.4.3 Zero Data Detect
The PCM5252 has a zero-detect function. When the device detects the continuous zero data for both left and
right channels, or separate channels, Analog mutes are set to both OUTL and OUTR, or separate OUTL and
OUTR. These are controlled by Page0, Register 65, D(2:1) as shown in Table 5.
Continuous Zero data cycles are counted by LRCK, and the threshold of decision for analog mute can be set by
Page 0, Register 59, D(6:4) for L-ch, and D(2:0) for Rch as shown in Table 6. Default values are 0 for both
channels.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com