Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 67 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 63Page - Texas Instruments PCM5252 Datasheet HTML 64Page - Texas Instruments PCM5252 Datasheet HTML 65Page - Texas Instruments PCM5252 Datasheet HTML 66Page - Texas Instruments PCM5252 Datasheet HTML 67Page - Texas Instruments PCM5252 Datasheet HTML 68Page - Texas Instruments PCM5252 Datasheet HTML 69Page - Texas Instruments PCM5252 Datasheet HTML 70Page - Texas Instruments PCM5252 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 119 page
background image
PCM5252
www.ti.com
SLASE63 – NOVEMBER 2014
13 Programming and Registers Reference
13.1 Coefficient Data Formats
All mixer gain coefficients are 24-bit coefficients using a 4.20 number format. Numbers formatted as 4.20
numbers have 4 bits to the left of the binary point and 20 bits to the right of the binary point. If the most
significant bit is logic 0, the number is a positive number. If the most significant bit is a logic 1, then the number is
a negative number. In this case, every bit must be inverted, a 1 added to the result.
13.2 Power Down and Reset Behavior
Register values including those in the Coefficient Memory and Instruction Memory should remain when the
device is put into power down mode. (PG0 Reg 0x02).
Register values in the device are reset to defaults when bit 0 or 4 of (Pg0, Reg 0x01) is set to 1. Please see the
register description for more information.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com