Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 55 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 51Page - Texas Instruments PCM5252 Datasheet HTML 52Page - Texas Instruments PCM5252 Datasheet HTML 53Page - Texas Instruments PCM5252 Datasheet HTML 54Page - Texas Instruments PCM5252 Datasheet HTML 55Page - Texas Instruments PCM5252 Datasheet HTML 56Page - Texas Instruments PCM5252 Datasheet HTML 57Page - Texas Instruments PCM5252 Datasheet HTML 58Page - Texas Instruments PCM5252 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 119 page
background image
TPA6120A2
6
2
7
1
4
5
3
9
11
13
14
8
12
10
ROUT
NC
LOUT
LIN+
NC
NC
RIN-
NC
LIN-
RIN+
TPA6120A2RGY
QFN14-RGY
PowerPAD
0402 X7R
0.1
/25V
mF
0402 X7R
0.1
/25V
mF
0402 X7R
0.1
/25V
mF
0402 X7R
0.1
/25V
mF
Vcc+
Vcc-
0603
806W
0603
806W
RIGHT
3.5mm
3
1
2
LEFT
0603 X5R
10
/25V
mF
0603 X5R
10
/25V
mF
0805 1/8W
39.2W
0805 1/8W
39.2W
HEADPHONE OUTPUT
0402 X7R
0.1
/16V
mF
TPS65135
15
16
14
13
12
11
10
9
8
7
6
5
4
3
2
1
OUTN
OUTN
FBG
FB
GND
PGND
PGND
VAUX
L2
L2
OUTP
OUTP
L1
L1
VIN
EN
2
1
2.2 H
m
0603 X5R
10 F/6.3V
m
0402 X7R
0.1
/16V
mF
+3.3V
100LS
0805 1/8W
365kW
0805 1/8W
120k
0805 1/8W
487k
Vcc+
Vcc-
0603 X5R
10
/6.3V
mF
0603 X5R
10
/6.3V
mF
PowerPAD
TPS65135
QFN16-RTE
+3.3V to +5/-5V POWER SUPPLY
W
W
OUTLN
OUTLP
OUTRP
OUTRN
RIN+
RIN-
LIN-
LIN+
+3.3V
0805 X7R
2.2 F/25V
m
+1.8V
0603 X5R
10
/10V
mF
0402 X7R
0.1
/16V
mF
0402 X7R
0.1
/16V
mF
0402 X7R
0.1
/16V
mF
0603 COG
1000pF/50V
0603
402W
0603
0603 X5R
10
/10V
mF
0805 X7R
2.2
/25V
mF
0603
0603
+3.3V
1.0mF
0603
PCM5242RHB
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
QFN32-RHB
NC
NC
LRCK
DIN
BCK
SCK
GPIO6/FLT
ADR1/MISO/FMT
OUTLP
VNEG
OUTLN
OUTRN
OUTRP
AVDD
VCOM/DEMP
AGND
PCM5242RHB
QFN32-RHB
PowerPAD
0603
806W
0603 COG
1000pF/50V
0603
0603
0603
0603
0603
806W
2.2
/25V
mF
0805 X7R
XSMT
0402
10.0kW
0402 X7R
0.1
/16V
mF
+1.8V
SOFT MUTE
402W
402W
402W
402W
402W
402W
402W
PCM5252
www.ti.com
SLASE63 – NOVEMBER 2014
10 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
10.2 Typical Application
Differential outputs DAC's are regularly used where higher performance is required from them compared to
single ended output DACs. They offer twice as much output voltage for the same power supply, along with noise
cancelling effect of differential signaling. The PCM5252 makes an ideal front end for both analog input speaker
amplifiers and headphone amplifiers with its higher voltage differential output and low noise floor.
10.2.1 High Fidelity Smartphone Application
A new trend in portable applications are termed "Hifi Smartphones". In these systems, a standard portable audio
codec continues to be used for telephony, while a separate, higher performance DAC and Headphone Amplifier
is used for music playback.
Figure 75 shows a complete circuit schematic for such a system. The digital audio is fed into a high performance
DAC. The PCM5252 is a 32-bit, stereo DAC. The PCM5252 is pin to pin and register set compatible with the
PCM5242. The PCM5252 contains an expanded ROM that contains the Smart Amplifier Algorithm components.
Figure 75. High Fidelity Smartphone Application
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com