Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 96 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 92Page - Texas Instruments PCM5252 Datasheet HTML 93Page - Texas Instruments PCM5252 Datasheet HTML 94Page - Texas Instruments PCM5252 Datasheet HTML 95Page - Texas Instruments PCM5252 Datasheet HTML 96Page - Texas Instruments PCM5252 Datasheet HTML 97Page - Texas Instruments PCM5252 Datasheet HTML 98Page - Texas Instruments PCM5252 Datasheet HTML 99Page - Texas Instruments PCM5252 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 119 page
background image
PCM5252
SLASE63 – NOVEMBER 2014
www.ti.com
RSV
Reserved
Reserved. Do not access.
L1OV
Left1 Overflow (Read Only)
This bit indicates whether the left channel of DSP first output port has overflow. This bit is sticky and is cleared
when read.
0: No overflow
1: Overflow occurred
R1OV
Right1 Overflow (Read Only)
The bit indicates whether the right channel of DSP first output port has overflow. This bit is sticky and is cleared
when read.
0: No overflow
1: Overflow occurred
L2OV
Left2 Overflow (Read Only)
This bit indicates whether the left channel of DSP second output port has overflow. This bit is sticky and is
cleared when read.
0: No overflow
1: Overflow occurred
R2OV
Right2 Overflow (Read Only)
The bit indicates whether the right channel of DSP second output port has overflow. This bit is sticky and is
cleared when read.
0: No overflow
1: Overflow occurred
SFOV
Shifter Overflow (Read Only)
This bit indicates whether overflow occurred in the DSP shifter (possible sample corruption). This bit is sticky
and is cleared when read.
0: No overflow
1: Overflow occurred
Page 0 / Register 91
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
91
5B
RSV
DTFS2
DTFS1
DTFS0
DTSR3
DTSR2
DTSR1
DTSR0
Reset Value
RSV
Reserved
Reserved. Do not access.
DTFS[2:0]
Detected FS (Read Only)
These bits indicate the currently detected audio sampling rate.
000: Error (Out of valid range)
001: 8 kHz
010: 16 kHz
011: 32-48 kHz
100: 88.2-96 kHz
101: 176.4-192 kHz
110: 384 kHz
DTSR[3:0]
Detected SCK Ratio (Read Only)
These bits indicate the currently detected SCK ratio. Note that even if the SCK ratio is not indicated as error,
clock error might still be flagged due to incompatible combination with the sampling rate. Specifically the SCK
ratio must be high enough to allow enough DSP cycles for minimal audio processing when PLL is disabled. The
absolute SCK frequency must also be lower than 50 MHz.
0000: Ratio error (The SCK ratio is not allowed)
0001: SCK = 32 FS
0010: SCK = 48 FS
96
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com