Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 95 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 91Page - Texas Instruments PCM5252 Datasheet HTML 92Page - Texas Instruments PCM5252 Datasheet HTML 93Page - Texas Instruments PCM5252 Datasheet HTML 94Page - Texas Instruments PCM5252 Datasheet HTML 95Page - Texas Instruments PCM5252 Datasheet HTML 96Page - Texas Instruments PCM5252 Datasheet HTML 97Page - Texas Instruments PCM5252 Datasheet HTML 98Page - Texas Instruments PCM5252 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 119 page
background image
PCM5252
www.ti.com
SLASE63 – NOVEMBER 2014
Page 0 / Register 87
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
87
57
RSV
RSV
GINV5
GINV4
GINV3
GINV2
GINV1
GINV0
Reset Value
0
0
0
0
0
0
RSV
Reserved
Reserved. Do not access.
GINV5
GPIO6 Output Inversion
This bit controls the polarity of GPIO6 output. When set to 1, the output will be inverted for any signal being
selected.
Default value: 0
0: Non-inverted
1: Inverted
GINV4
GPIO5 Output Inversion
This bit controls the polarity of GPIO5 output. When set to 1, the output will be inverted for any signal being
selected.
Default value: 0
0: Non-inverted
1: Inverted
GINV3
GPIO4 Output Inversion
This bit controls the polarity of GPIO4 output. When set to 1, the output will be inverted for any signal being
selected.
Default value: 0
0: Non-inverted
1: Inverted
GINV2
GPIO3 Output Inversion
This bit controls the polarity of GPIO3 output. When set to 1, the output will be inverted for any signal being
selected.
Default value: 0
0: Non-inverted
1: Inverted
GINV1
GPIO2 Output Inversion
This bit controls the polarity of GPIO2 output. When set to 1, the output will be inverted for any signal being
selected.
Default value: 0
0: Non-inverted
1: Inverted
GINV0
GPIO1 Output Inversion
This bit controls the polarity of GPIO1 output. When set to 1, the output will be inverted for any signal being
selected.
Default value: 0
0: Non-inverted
1: Inverted
Page 0 / Register 90
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
90
5A
RSV
RSV
RSV
L1OV
R1OV
L2OV
R2OV
SFOV
Reset Value
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
95
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com