Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 35Page - Texas Instruments PCM5252 Datasheet HTML 36Page - Texas Instruments PCM5252 Datasheet HTML 37Page - Texas Instruments PCM5252 Datasheet HTML 38Page - Texas Instruments PCM5252 Datasheet HTML 39Page - Texas Instruments PCM5252 Datasheet HTML 40Page - Texas Instruments PCM5252 Datasheet HTML 41Page - Texas Instruments PCM5252 Datasheet HTML 42Page - Texas Instruments PCM5252 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
6
7
8
9
OUTLP
OUTRN
OUTLN
OUTRP
Left Differential Output
Right Differential Output
+
-
RC LPF
RC LPF
Optional RC Low-Pass Filter
470W
4.3nF
P Output
470W
N Output
PCM5252
www.ti.com
SLASE63 – NOVEMBER 2014
9.7 DAC and Differential Analog Outputs
9.7.1 Analog Outputs
The PCM5252 devices include a two-channel DAC, with differential outputs. Each pin has a full-scale output
voltage is 2.1Vrms with ground center output. This equates to a 4.2Vrms differential output. A dc-coupled load is
supported in addition to an ac-coupled load, if the load resistance conforms to the specification. The PCM5252
DAC outputs on the OUTLP, OUTLN, OUTRP, and OUTRN terminals have market-leading low out-of-band
noise, which offer up to 20dB lower out-of-band noise compared with existing DAC technology.
Many applications require an external low-pass RC filter (470
Ω + 1.2nF) to provide sufficient out-of-band noise
rejection. This RC filter provides the added advantage of improved protection against ESD damage.
The PCM5252 can also support single ended outputs, using OUTLP and OUTRP respectively. A single 470
Ω
and 2.2nF capacitor can be used on each pin in single ended mode.
The choice between VREF and VCOM modes affects the maximum output level. This is explained in Voltage
Reference and Output Levels.
Figure 61. Optional Low Pass Filters
9.7.2 Choosing Between VREF and VCOM Modes
VREF mode is the default configuration. This mode allows full 2.1Vrms signal output. As shown in Recommended
Operating Conditions, the minimum AVDD to avoid clipping is 3.2V.
VCOM mode allows setting a custom common-mode voltage when required by the application. This somewhat
limits the output signal swing before clipping.
9.7.2.1 Voltage Reference and Output Levels
The PCM5252 has an internal, fixed band-gap reference voltage, with default operation in VREF mode. No
external decoupling capacitor is required for this mode.
The PCM5252 can be operated with a common-mode voltage output (VCOM mode) at the VCOM pin by setting
Page 1, Register 1, D(0) to 1. In this mode, an external decoupling capacitor is required.
When using this DAC in VREF mode, the output-signal voltage is independent of the power-supply voltage: The
D/A conversion gain in VREF mode yields a 2.1Vrms output voltage with a digital full-scale input. However, in
VREF mode, an output waveform may clip due to the limitations that may be present in the analog power supply
voltage. On the other hand, the full-scale output voltage in VCOM mode is proportional to the analog power
supply AVDD. Example, (2.1 × AVDD / 3.3) Vrms.
9.7.2.2 Mode Switching Sequence, From VREF Mode to VCOM Mode
Following register setting sequence is recommended for changing VREF mode to VCOM mode.
1. Page 0 / Register 2
RQST = 1: Standby mode
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com