Electronic Components Datasheet Search
  English  ▼

X  

PCM5252 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5252
Description  Purepath Smart Amp PCM5252 4.2-VRMS DirectPath, 114-dB Audio Stereo Differential-
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5252 Datasheet(HTML) 86 Page - Texas Instruments

Back Button PCM5252 Datasheet HTML 82Page - Texas Instruments PCM5252 Datasheet HTML 83Page - Texas Instruments PCM5252 Datasheet HTML 84Page - Texas Instruments PCM5252 Datasheet HTML 85Page - Texas Instruments PCM5252 Datasheet HTML 86Page - Texas Instruments PCM5252 Datasheet HTML 87Page - Texas Instruments PCM5252 Datasheet HTML 88Page - Texas Instruments PCM5252 Datasheet HTML 89Page - Texas Instruments PCM5252 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 119 page
background image
PCM5252
SLASE63 – NOVEMBER 2014
www.ti.com
Page 0 / Register 42
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
42
2A
RSV
RSV
AUPL1
AUPL0
RSV
RSV
AUPR1
AUPR0
Reset Value
0
1
0
1
RSV
Reserved
Reserved. Do not access.
AUPL[1:0]
Left DAC Data Path
These bits control the left channel audio data path connection.
Default value: 01
00: Zero data (mute)
01: Left channel data
10: Right channel data
11: Reserved (do not set)
AUPR[1:0]
Right DAC Data Path
These bits control the right channel audio data path connection.
Default value: 01
00: Zero data (mute)
01: Right channel data
10: Left channel data
11: Reserved (do not set)
Page 0 / Register 43
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
43
2B
RSV
RSV
RSV
PSEL4
PSEL3
PSEL2
PSEL1
PSEL0
Reset Value
0
0
0
0
1
RSV
Reserved
Reserved. Do not access.
PSEL[4:0]
DSP Program Selection
These bits select the DSP program to use for audio processing.
Default value: 00001
00000: Reserved (do not set)
00001: 8x/4x/2x FIR interpolation filter with de-emphasis
00010: 8x/4x/2x Low latency IIR interpolation filter with de-emphasis
00011: High attenuation x8/x4/x2 interpolation filter with de-emphasis
00100: Reserved
00101: Fixed process flow with configurable parameters
00110: Reserved (do not set)
00111: 8x Ringing-less low latency FIR interpolation filter without de-emphasis
11111: User program in RAM
others: Reserved (do not set)
Page 0 / Register 44
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
44
2C
RSV
RSV
RSV
RSV
RSV
CMDP2
CMDP1
CMDP0
Reset Value
0
0
0
86
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com