Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 170 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 170 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 166Page - PMC-Sierra, Inc PM6344 Datasheet HTML 167Page - PMC-Sierra, Inc PM6344 Datasheet HTML 168Page - PMC-Sierra, Inc PM6344 Datasheet HTML 169Page - PMC-Sierra, Inc PM6344 Datasheet HTML 170Page - PMC-Sierra, Inc PM6344 Datasheet HTML 171Page - PMC-Sierra, Inc PM6344 Datasheet HTML 172Page - PMC-Sierra, Inc PM6344 Datasheet HTML 173Page - PMC-Sierra, Inc PM6344 Datasheet HTML 174Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
157
RDEBE:
The RDEBE bit enables debouncing of timeslot signaling bits. A logic 1 in this
bit position enables signaling debouncing while a logic 0 disables it. When
debouncing is selected, per-timeslot signaling transitions are ignored until two
consecutive, equal values are sampled.
A’,B’,C’ and D’:
A’,B’,C’ and D’ are the per-timeslot signaling trunk conditioning bits. When
trunk conditioning is enabled, these bits are used as signaling data, instead
of the extracted timeslot signaling bits, and are output onto the BRSIG output.
To enable the RINV[1:0], RTKCE and RDEBE bits, the PCCE bit in the SIGX
Configuration Register must be set to logic 1. When these bits are enabled, bits
RINV[1:0] and RDEBE are ORed with their primary input equivalents to generate
the applied configuration signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com