Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 171 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 171 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 167Page - PMC-Sierra, Inc PM6344 Datasheet HTML 168Page - PMC-Sierra, Inc PM6344 Datasheet HTML 169Page - PMC-Sierra, Inc PM6344 Datasheet HTML 170Page - PMC-Sierra, Inc PM6344 Datasheet HTML 171Page - PMC-Sierra, Inc PM6344 Datasheet HTML 172Page - PMC-Sierra, Inc PM6344 Datasheet HTML 173Page - PMC-Sierra, Inc PM6344 Datasheet HTML 174Page - PMC-Sierra, Inc PM6344 Datasheet HTML 175Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
158
Register 044H, 0C4H, 144H, 1C4H: TRAN Configuration
Bit
Type
Function
Default
Bit 7
R/W
AMI
0
Bit 6
R/W
SIGEN
1
Bit 5
R/W
DLEN
1
Bit 4
R/W
GENCRC
0
Bit 3
R/W
FDIS
0
Bit 2
R/W
FEBEDIS
0
Bit 1
R/W
INDIS
0
Bit 0
R/W
XDIS
0
AMI:
The AMI bit enables AMI line coding when set to logic 1; when it is set to logic
0, the HDB3 line coding is enabled.
SIGEN, DLEN:
The SIGEN and DLEN bits select the signaling data source for Time Slot 16
(TS16) as follows:
SIGEN
DLEN
MODE
0
0
Signaling insertion disabled. TS16 data is taken
directly from the input BTPCM[x] TS16.
0
1
CCS enabled. TS16 data is taken directly from
the TDLSIG[x] input or from the HDLC/LAPD
transmitter.
1
0
Reserved.
1
1
CAS enabled. TS16 data is taken from either
BTSIG[x] stream or from the TPSC Data Control
byte as selected on a per-timeslot basis via the
SIGSRC bit. The format of the BTSIG[x] input
data stream is shown in the "Functional Timing"
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com