Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 169 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 169 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 165Page - PMC-Sierra, Inc PM6344 Datasheet HTML 166Page - PMC-Sierra, Inc PM6344 Datasheet HTML 167Page - PMC-Sierra, Inc PM6344 Datasheet HTML 168Page - PMC-Sierra, Inc PM6344 Datasheet HTML 169Page - PMC-Sierra, Inc PM6344 Datasheet HTML 170Page - PMC-Sierra, Inc PM6344 Datasheet HTML 171Page - PMC-Sierra, Inc PM6344 Datasheet HTML 172Page - PMC-Sierra, Inc PM6344 Datasheet HTML 173Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
156
10.1
SIGX Indirect Registers 96 (60H) - 127 (7FH) - Segment 4: Typical
Per-Timeslot Configuration and Signaling Trunk
Conditioning Data Register
Bit
Type
Function
Default
Bit 7
R/W
RINV[1]
X
Bit 6
R/W
RINV[0]
X
Bit 5
R/W
RTKCE
X
Bit 4
R/W
RDEBE
X
Bit 3
R/W
A’
X
Bit 2
R/W
B’
X
Bit 1
R/W
C’
X
Bit 0
R/W
D’
X
RINV[1:0]:
The RINV[1:0] bits select whether the output BRPCM stream is entirely or
selectively inverted. The bit mapping is as follows.
00 - do not invert
01 - invert even bits (2,4,6,8)
10 - invert odd bits (1,3,5,7)
11 - invert all bits
RTKCE:
The RTKCE bit enables per-timeslot data stream and signal stream trunk
conditioning. A logic 1 in this bit position enables trunk conditioning while a
logic 0 disables trunk conditioning. When RTKCE is enabled, per-timeslot
trunk conditioning data from one of the timeslot Trunk Conditioning Data
Registers (one of 40H to 5FH) is output onto the data stream, BRPCM. In
addition, the per-timeslot signaling trunk conditioning bits A’,B’,C’ and D’ are
output onto the signaling data stream, BRSIG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com