Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 176 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 176 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 172Page - PMC-Sierra, Inc PM6344 Datasheet HTML 173Page - PMC-Sierra, Inc PM6344 Datasheet HTML 174Page - PMC-Sierra, Inc PM6344 Datasheet HTML 175Page - PMC-Sierra, Inc PM6344 Datasheet HTML 176Page - PMC-Sierra, Inc PM6344 Datasheet HTML 177Page - PMC-Sierra, Inc PM6344 Datasheet HTML 178Page - PMC-Sierra, Inc PM6344 Datasheet HTML 179Page - PMC-Sierra, Inc PM6344 Datasheet HTML 180Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
163
of frame 0 of the signaling multiframe to be inverted (i.e., the correct signaling
multiframe alignment signal, 0000, is substituted with 1111); when set to logic
0, the signaling multiframe alignment signal is unchanged.
REMAIS:
The REMAIS bit controls the transmission of the remote Alarm Indication
Signal. A logic 1 in the REMAIS bit position causes bit 3 of NFAS frames to
be forced to logic 1; otherwise, bit 3 of NFAS frames is a logic 0.
MFAIS:
The MFAIS bit controls the transmission of the signaling multiframe Alarm
Indication Signal. A logic 1 in the MFAIS bit position causes the y-bit (bit 6) of
TS16 of frame 0 of the signaling multiframe to be forced to logic 1; otherwise,
the y-bit is a logic 0.
TS16AIS:
The TS16AIS bit controls the transmission of the Time Slot 16 Alarm
Indication Signal (all-ones in TS16). A logic 1 in the TS16AIS bit position
forces TS16 of all frames in the output stream to logic 1.
AIS:
The AIS bit controls the transmission of the Alarm Indication Signal
(unframed all-ones). A logic 1 in the AIS bit position forces the output
streams to logic 1.
When the EQUAD is reset, the contents of this register are set to logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com