Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 225 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 225 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 221Page - PMC-Sierra, Inc PM6344 Datasheet HTML 222Page - PMC-Sierra, Inc PM6344 Datasheet HTML 223Page - PMC-Sierra, Inc PM6344 Datasheet HTML 224Page - PMC-Sierra, Inc PM6344 Datasheet HTML 225Page - PMC-Sierra, Inc PM6344 Datasheet HTML 226Page - PMC-Sierra, Inc PM6344 Datasheet HTML 227Page - PMC-Sierra, Inc PM6344 Datasheet HTML 228Page - PMC-Sierra, Inc PM6344 Datasheet HTML 229Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
212
count becomes non-linear above a 10-4 BER. This must be taken into account
when using CRC-4 counts to determine the BER. Since FEBEs are indications of
CRCEs at the far end, and are accumulated identically to CRCEs, the same
explanation holds for the FEBE event counter.
Figure 34
- CRCE Count vs. BER
0
1000
200
400
600
800
1200
0
4
8
12
16
20
Average Count Over
Many 1 Second Intervals
CRC Error Event Count Per Second
13.7 Reset Procedure
In the SIGX block that there is a small state machine which will not clear itself out
if it happens to get in an all-ones state. The result is that the SIGX remains
frozen after a reset. The probability that this state will occur is very small, about
1 in 3600 or about 0.028 percent probability of occurrence. If the SIGX function
is not being used, then this condition is a don't care.
To prevent this state from occurring hold the BRCLK and the BTCLK[4:1] signals
low for at least 65ns (greater than one cycle of an 8x clock) after a hardware or
software reset. If ELSTBYP is to be set, do not do so within 65ns of a hardware
or software reset.
For designs where it is not possible to implement the above hardware solution,
the software solution is to perform a self-test after every reset. This self-test
routine would use the TPSC functional block to source known signaling data,
which would be looped back to the SIGX. If the SIGX can detect changes in the
signaling data, then the SIGX block is okay; if it cannot detect changes in the
signaling data, then a reset must be performed and the self-test repeated (until
the SIGX is okay).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com