Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 223 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 223 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 219Page - PMC-Sierra, Inc PM6344 Datasheet HTML 220Page - PMC-Sierra, Inc PM6344 Datasheet HTML 221Page - PMC-Sierra, Inc PM6344 Datasheet HTML 222Page - PMC-Sierra, Inc PM6344 Datasheet HTML 223Page - PMC-Sierra, Inc PM6344 Datasheet HTML 224Page - PMC-Sierra, Inc PM6344 Datasheet HTML 225Page - PMC-Sierra, Inc PM6344 Datasheet HTML 226Page - PMC-Sierra, Inc PM6344 Datasheet HTML 227Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
210
13.6 Using the Performance Monitor Counter Values
All PMON block event counters are of sufficient length so that the probability of
counter saturation over a one second interval at a 10-3 BER is less than 0.001%.
The odds of any one of the counters saturating during a one second sampling
interval go up as the BER increases. At some point, the probability of counter
saturation reaches 50%. This point varies, depending upon the framing format
and the type of event being counted. The BER at which the probability of counter
saturation reaches 50% is shown below for various counters:
Table 7
-
Counter
BER
LCV
4.0 x 10-3
FER
4.0 x 10-3
CRCE
cannot saturate
FEBE
cannot saturate
Below these 50% points, the relationship between the BER and the counter
event count (averaged over many one second samples) is essentially linear.
Above the 50% point, the relationship between BER and the average counter
event count is highly non-linear due to the likelihood of counter saturation.
Figure 32-Figure 34 show this relationship for various counters and framing
formats. These graphs can be used to determine the BER, given the average
event count. In general, if the BER is above 10-3, the average counter event
count cannot be used to determine the BER without considering the statistical
effect of occasional counter saturation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com