Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 219 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 219 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 215Page - PMC-Sierra, Inc PM6344 Datasheet HTML 216Page - PMC-Sierra, Inc PM6344 Datasheet HTML 217Page - PMC-Sierra, Inc PM6344 Datasheet HTML 218Page - PMC-Sierra, Inc PM6344 Datasheet HTML 219Page - PMC-Sierra, Inc PM6344 Datasheet HTML 220Page - PMC-Sierra, Inc PM6344 Datasheet HTML 221Page - PMC-Sierra, Inc PM6344 Datasheet HTML 222Page - PMC-Sierra, Inc PM6344 Datasheet HTML 223Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
206
5. If there is more data to be read, go back to step 1.
13.5 Using the Digital Jitter Attenuator
The key to using DJAT lies in selecting the appropriate divisors for the phase
comparison between the selected reference clock and the generated smooth
TCLKO.
13.5.1
Default Application
Upon reset, the EQUAD default condition provides jitter attenuation with
TCLKO[x] referenced to the transmit clock, BTCLK[x]. The DJAT SYNC bit is also
logic 1 by default. DJAT is configured to divide its input clock rate, BTCLK[x], and
its output clock rate, TCLKO[x], both by 48, which is the maximum length of the
FIFO. These divided down clock rates are then used by the phase comparator to
update the DJAT DPLL. The phase delay between BTCLK[x] and TCLKO[x] is
synchronized to the physical data delay through the FIFO. For example, if the
phase delay between BTCLK[x] and TCLKO[x] is 12UI, the FIFO will be forced to
lag its output data 12 bits from its input data.
The default mode works well with the transmit backplane running at 2.048MHz.
13.5.2
Data Burst Application
In applications where a higher transmit backplane rate with external gapping is
used, a few factors must be considered to adequately filter the resultant
TCLKO[x] into a smooth 2.048MHz clock. The magnitude of the phase shifts in
the incoming bursty data can be too large to be properly attenuated by the PLL
alone. However, the magnitudes, and the frequency components of these phase
shifts are known, and are most often multiples of 8 kHz.
When using a gapped higher rate clock, the phase shifts of the input clock with
respect to the generated TCLKO[x] in this case can be large, but when viewed
over a longer period, such as a frame, there is little net phase shift. Therefore, by
choosing the divisors appropriately, the large phase shifts can be filtered out,
leaving a stable reference for the DPLL to lock onto. In this application, the N1
and N2 divisors should be changed to FFH (i.e. divisors of 256). Consequently,
the frequency of the clock inputs to the phase discriminator in the PLL is 8 kHz.
The DJAT SYNC option must be disabled, since the divisor magnitude of 256 is
not an integer multiple of the FIFO length, 48.
The self-centering circuitry of the FIFO should be enabled by setting the CENT
register bit. This sets up the FIFO read pointer to be at least 4 UI away from the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com