Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 218 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 218 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 214Page - PMC-Sierra, Inc PM6344 Datasheet HTML 215Page - PMC-Sierra, Inc PM6344 Datasheet HTML 216Page - PMC-Sierra, Inc PM6344 Datasheet HTML 217Page - PMC-Sierra, Inc PM6344 Datasheet HTML 218Page - PMC-Sierra, Inc PM6344 Datasheet HTML 219Page - PMC-Sierra, Inc PM6344 Datasheet HTML 220Page - PMC-Sierra, Inc PM6344 Datasheet HTML 221Page - PMC-Sierra, Inc PM6344 Datasheet HTML 222Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
205
13.4.2
Direct Access Mode
Direct access mode to the TPSC is not used in the EQUAD. However, direct
access mode is selected by default whenever the EQUAD is reset. The IND bit
within the TPSC Configuration Register must be set to logic 1 after a reset is
applied.
13.4.3
Indirect Access Mode
Indirect access mode is selected by setting the IND bit in the TPSC Configuration
Register to logic 1. When using the indirect access mode, the status of the
BUSY indication bit should be polled to determine the status of the
microprocessor access: when the BUSY bit is logic 1, the TPSC is processing an
access request; when the BUSY bit is logic 0, the TPSC has completed the
request.
The indirect write programming sequence for the TPSC is as follows:
1. Check that the BUSY bit in the TPSC µP Access Status Register is logic 0.
2. Write the timeslot data to the TPSC Timeslot Indirect Data Buffer register.
3. Write RWB=0 and the timeslot address to the TPSC Timeslot Indirect
Address/Control Register.
4. Poll the BUSY bit until it goes to logic 0. The BUSY bit will go to logic 1
immediately after step 3 and remain at logic 1 until the request is complete.
5. If there is more data to be written, go back to step 1.
The indirect read programming sequence for the TPSC is as follows:
1. Check that the BUSY bit in the TPSC µP Access Status Register is logic 0.
2. Write RWB=1 and the timeslot address to the TPSC Timeslot Indirect
Address/Control Register.
3. Poll the BUSY bit, waiting until it goes to a logic 0. The BUSY bit will go to
logic 1 immediately after step 2 and remain at logic 1 until the request is
complete.
4. Read the requested timeslot data from the TPSC Timeslot Indirect Data
Buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com