Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 215 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 215 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 211Page - PMC-Sierra, Inc PM6344 Datasheet HTML 212Page - PMC-Sierra, Inc PM6344 Datasheet HTML 213Page - PMC-Sierra, Inc PM6344 Datasheet HTML 214Page - PMC-Sierra, Inc PM6344 Datasheet HTML 215Page - PMC-Sierra, Inc PM6344 Datasheet HTML 216Page - PMC-Sierra, Inc PM6344 Datasheet HTML 217Page - PMC-Sierra, Inc PM6344 Datasheet HTML 218Page - PMC-Sierra, Inc PM6344 Datasheet HTML 219Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
202
13.3.1
Payload Loopback
When PAYLOAD loopback (PAYLB) is initiated by writing 20H to the Master
Diagnostics Register (00AH) and disabling the TPSC by clearing the PCCE bit in
the TPSC Configuration Register (030H) to 0, the framer is configured to
internally connect the output of the ELST to the PCM input of TRAN. Payload
loopback will only function if there is a valid BTCLK input signal and a valid
BTFP signal (alternatively, BTFP can be tied either high or low). BTFP cannot,
though, be derived from the BRFPO output of the loopbacked channel. The data
is read out of ELST timed to the transmitter clock, and the transmit frame
alignment indication is used to synchronize the output frame alignment of ELST.
Note that the BTSIG[x] stream is still presented to the TRAN; therefore, the
SIGEN and DLEN bits of the TRAN Configuration register should be cleared to
logic 0 if the signaling is to be looped back. The BTSIG[x], BTCLK[x] and
BTFP[x] signals must be active during payload loopback. Conceptually, the data
flow through a single E1 framer in this loopback condition can be shown as
follows:
Figure 28
- Payload Loopback
DTIF
DJAT
TRAN
CDRC
FRMR
ELST
BTSIG[x]
BTPCM[x]
BTCLK[x]
BRFPI
BRCLK
BTFP[x]
BRPCM[x]
AIS
RDP/RDD[x]
RCLKI[x]
RDN/RLCV[x]
TDP/TDD[x]
TCLKO[x]
TDN/TFLG[x]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com