Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 213 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 213 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 209Page - PMC-Sierra, Inc PM6344 Datasheet HTML 210Page - PMC-Sierra, Inc PM6344 Datasheet HTML 211Page - PMC-Sierra, Inc PM6344 Datasheet HTML 212Page - PMC-Sierra, Inc PM6344 Datasheet HTML 213Page - PMC-Sierra, Inc PM6344 Datasheet HTML 214Page - PMC-Sierra, Inc PM6344 Datasheet HTML 215Page - PMC-Sierra, Inc PM6344 Datasheet HTML 216Page - PMC-Sierra, Inc PM6344 Datasheet HTML 217Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
200
Figure 26
- XFDL Normal Data Sequence
Flag
D1
D2
Dn
CRC1 CRC2
Flag
D1
D1 D2
D3
D4
D2
D3
TDLINT[x]
D[7:0]
INTE
EOM
D1
INTE
INTE
Serial Data
inserted into
ESF FDL
This diagram shows the relationship between XFDL inputs and outputs for the
case where interrupts and CRC are enabled for regular data transmission. The
process is started by setting the INTE bit in the XFDL Configuration Register to
logic 1, thus enabling the TDLINT[x] signal. When TDLINT[x] goes high, the
interrupt service routine is started, which writes the first byte (D1) of the data
frame to the XFDL Transmit Data Register. When this byte begins to be shifted
out on the data link, TDLINT[x] goes high. This restarts the interrupt service
routine, and the next data byte (D2) is written to the XFDL Transmit Data
Register. When D2 begins to be shifted out on the data link, TDLINT[x] goes
high again. This cycle continues until the last data byte (Dn) of the frame is
written to the XFDL Transmit Data Register. When Dn begins to be shifted out on
the data link, TDLINT[x] again goes high. Since all the data has been sent, the
interrupt service routine sets the EOM bit in the XFDL Configuration Register to
logic 1. The TDLINT[x] interrupt should also be disabled at this time by setting
the INTE bit in the XFDL Configuration Register to logic 0. The XFDL will then
shift out the two-byte CRC word and closing flag, which ends the frame.
Whenever new data is ready, the TDLINT[x] signal can be re-enabled by setting
the INTE bit in the XFDL Configuration Register to logic 1, and the cycle starts
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com