Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 217 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 217 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 213Page - PMC-Sierra, Inc PM6344 Datasheet HTML 214Page - PMC-Sierra, Inc PM6344 Datasheet HTML 215Page - PMC-Sierra, Inc PM6344 Datasheet HTML 216Page - PMC-Sierra, Inc PM6344 Datasheet HTML 217Page - PMC-Sierra, Inc PM6344 Datasheet HTML 218Page - PMC-Sierra, Inc PM6344 Datasheet HTML 219Page - PMC-Sierra, Inc PM6344 Datasheet HTML 220Page - PMC-Sierra, Inc PM6344 Datasheet HTML 221Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
204
Conceptually, the data flow through a single framer in this loopback condition can
be shown as follows:
Figure 30
- Diagnostic Digital Loopback
DJAT
TRAN
FRMR
ELST
BTSIG[x]
BTPCM[x]
BTCLK[x]
BRFPI
BRCLK
BTFP[x]
BRPCM[x]
RPCM
RCLK
DTIF
optional
AIS
CDRC
RDP/RDD[x]
RCLKI[x]
RDN/RLCV[x]
TDP/TDD[x]
TCLKO[x]
TDN/TFLG[x]
13.4 Using the Per-Channel Serial Controllers
13.4.1
Initialization
Before the TPSC block can be used, a proper initialization of the internal
registers must be performed to eliminate erroneous control data from being
produced on the block outputs. The output control streams should be disabled
by setting the PCCE bit in the TPSC Configuration Register to logic 0. Then, all
64 locations of the TPSC must be filled with valid data. Finally, the output
streams can be enabled by setting the PCCE bit in the TPSC Configuration
Register to logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com