Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 216 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 216 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 212Page - PMC-Sierra, Inc PM6344 Datasheet HTML 213Page - PMC-Sierra, Inc PM6344 Datasheet HTML 214Page - PMC-Sierra, Inc PM6344 Datasheet HTML 215Page - PMC-Sierra, Inc PM6344 Datasheet HTML 216Page - PMC-Sierra, Inc PM6344 Datasheet HTML 217Page - PMC-Sierra, Inc PM6344 Datasheet HTML 218Page - PMC-Sierra, Inc PM6344 Datasheet HTML 219Page - PMC-Sierra, Inc PM6344 Datasheet HTML 220Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
203
13.3.2
Line Loopback
When LINE loopback (LINELB) is initiated by writing 10H to the Master
Diagnostics Register, the framer is configured to internally connect the dual-rail
positive and negative line data pulses output from CDRC to the dual-rail inputs of
DJAT. If either the transmit or receive is in unipolar mode, the appropriate line
decoding or encoding is performed. Conceptually, the data flow through a single
framer in this loopback condition can be shown as follows:
Figure 29
- Line Loopback
DTIF
DJAT
TRAN
CDRC
FRMR
ELST
BTSIG[x]
BTPCM[x]
BTCLK[x]
BRFPI
BRCLK
BTFP[x]
BRPCM[x]
RPCM
RCLK
RP
RN
RDP/RDD[x]
RCLKI[x]
RDN/RLCV[x]
TDP/TDD[x]
TCLKO[x]
TDN/TFLG[x]
13.3.3
Diagnostic Digital Loopback
When Diagnostic digital loopback (DDLB) is initiated by writing 04H to the Master
Diagnostics Register, the framer is configured to internally connect the data and
clock outputs from the DJAT to the CDRC. When the framer is configured for
dual-rail operation (RUNI=0, TUNI=0), the dual-rail positive and negative data
pulses output from DJAT are connected to the dual-rail inputs of CDRC.
Clock recovery can be enabled or disabled in the CDRC and diagnostic digital
loopback will also operate when the framer is configured for single-rail operation
(RUNI=1, TUNI=1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com