Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 211 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 211 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 207Page - PMC-Sierra, Inc PM6344 Datasheet HTML 208Page - PMC-Sierra, Inc PM6344 Datasheet HTML 209Page - PMC-Sierra, Inc PM6344 Datasheet HTML 210Page - PMC-Sierra, Inc PM6344 Datasheet HTML 211Page - PMC-Sierra, Inc PM6344 Datasheet HTML 212Page - PMC-Sierra, Inc PM6344 Datasheet HTML 213Page - PMC-Sierra, Inc PM6344 Datasheet HTML 214Page - PMC-Sierra, Inc PM6344 Datasheet HTML 215Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
198
Figure 24
- RFDL Normal Data and Abort Sequence
Serial Data
extracted from
ESF FDL
RDLINT[x]
RDLEOM[x]
D[7:0]
Flag
D1
D2
D3
Dn
RC1
C2
Flag
D1
B1
B2 B3
D1
Dn-2
Dn-1
Dn
B1
B2 B3
D2
Dn-1
Dn-3
D1 B1
ABORT
EOM
EOM
B1
R Abort
This diagram shows the relationship between RFDL inputs and outputs for the
case where interrupts are programmed to occur when one byte is present in the
FIFO buffer. The RFDL is assumed to be operating in the interrupt driven mode.
Each read shown is composed of two register reads: first a read of the RFDL
Data Register, followed by a read of the RFDL Status Register. A read of the
RFDL Data Register sets the RDLINT[x] output to low if no more data exists in
the FIFO buffer. The status of the FE bit returned in the RFDL Status Register
read will indicate the FIFO buffer fill status as well. The RFDL Data Register read
Dn-2 is shown to occur after two bytes have been written into the buffer. The
RDLINT[x] output does not go low after the first RFDL Data Register read
because a data byte still remains to be read. The RDLINT[x] output goes low
after RFDL Data Register read Dn-1. The FE bit will be logic 0 in RFDL Status
Register read Dn-2 and logic 1 in RFDL Status Register read Dn-1.
The RDLEOM[x] output goes high as soon as the last byte in the frame is read
from the RFDL Data Register. The RDLINT[x] output will go low if the FIFO
buffer is empty. The next RFDL Status Register read will return a value of logic 1
for the EOM and FLG bits, and cause the RDLEOM[x] output of the RFDL to
return low.
In the next frame, the first data byte is received, and after a delay of ten bit
periods, it is written to the FIFO buffer, and read by the processor after the
interrupt. When the abort sequence is detected, the data received up to the
abort is written to the FIFO buffer and an interrupt generated. The processor
then reads the partial byte from the RFDL Data Register and the RDLEOM[x]
output is set high. The processor then reads the RFDL Status Register which will
return a value of logic 1 for the EOM and FLG bits, and set the RDLEOM[x]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com