Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 101 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 101 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 97Page - PMC-Sierra, Inc PM6344 Datasheet HTML 98Page - PMC-Sierra, Inc PM6344 Datasheet HTML 99Page - PMC-Sierra, Inc PM6344 Datasheet HTML 100Page - PMC-Sierra, Inc PM6344 Datasheet HTML 101Page - PMC-Sierra, Inc PM6344 Datasheet HTML 102Page - PMC-Sierra, Inc PM6344 Datasheet HTML 103Page - PMC-Sierra, Inc PM6344 Datasheet HTML 104Page - PMC-Sierra, Inc PM6344 Datasheet HTML 105Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
88
Register 00FH, 08FH, 10FH, 18FH: Phase Status Word (MSB)
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
R
PSB[8]
X
This register contains the most significant bit of the 9-bit phase status word.
The PSB[8] bit toggles when the bit and timeslot count (from the Phase Status
Word LSB register) exceeds time slot 31, bit 7 or goes below time slot 0, bit 0.
The contents of the Phase Status Word registers are internally updated on each
receive line data frame pulse; a write to either Phase Status Word register
address must be performed to freeze the contents before this register and the
Phase Status Word (MSB) register can be read. The correct sequence for
reading the contents of the Phase Status Word are:
1. Write to either Phase Status Word register
2. Read Phase Status Word MSB
3. Read Phase Status Word LSB
This write-before-read is analogous to the latching of performance monitor
counter values in PMON, and is required to ensure that the phase status word
value remains valid during the µP read. It is important to read the MSB register
before the LSB register because, once the Phase Status Word (LSB) register has
been read, the phase status word counter is unfrozen and the contents may
change immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com