Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 102 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 102 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 98Page - PMC-Sierra, Inc PM6344 Datasheet HTML 99Page - PMC-Sierra, Inc PM6344 Datasheet HTML 100Page - PMC-Sierra, Inc PM6344 Datasheet HTML 101Page - PMC-Sierra, Inc PM6344 Datasheet HTML 102Page - PMC-Sierra, Inc PM6344 Datasheet HTML 103Page - PMC-Sierra, Inc PM6344 Datasheet HTML 104Page - PMC-Sierra, Inc PM6344 Datasheet HTML 105Page - PMC-Sierra, Inc PM6344 Datasheet HTML 106Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
89
Register 010H, 090H, 110H, 190H: CDRC Configuration
Bit
Type
Function
Default
Bit 7
R/W
AMI
0
Bit 6
R/W
LOS1
0
Bit 5
R/W
LOS0
0
Bit 4
R/W
DCR
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
ALGSEL
0
Bit 1
R/W
O162
0
Bit 0
Unused
X
AMI:
The active high AMI bit disables HDB3 decoding. With AMI low, an HDB3
signature on the RP and RN inputs is substituted with four zeros on the
DRPCM output. The AMI bit has no affect on the RPCM output.
LOS1, LOS0
The loss of signal threshold is set by the state of the AMI, LOS1 and LOS0
bits:
AMI
LOS1
LOS0
Threshold (PCM periods)
00
0
10
10
0
15
X0
1
31
X1
0
63
X
1
1
175
If the number of consecutive spaces
exceeds the programmed threshold, loss
of signal is declared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com