Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 103 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 103 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 99Page - PMC-Sierra, Inc PM6344 Datasheet HTML 100Page - PMC-Sierra, Inc PM6344 Datasheet HTML 101Page - PMC-Sierra, Inc PM6344 Datasheet HTML 102Page - PMC-Sierra, Inc PM6344 Datasheet HTML 103Page - PMC-Sierra, Inc PM6344 Datasheet HTML 104Page - PMC-Sierra, Inc PM6344 Datasheet HTML 105Page - PMC-Sierra, Inc PM6344 Datasheet HTML 106Page - PMC-Sierra, Inc PM6344 Datasheet HTML 107Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
90
DCR:
Asserting the DCR bit disables clock recovery. With DCR high, the recovered
clock (RCLKO[x]) is derived from RCLKI[x] instead of being recovered from
the RDP[x] and RDN[x] inputs.
Reserved:
The reserved bit must be cleared to logic 0 for correct operation.
ALGSEL:
The algorithm select (ALGSEL) bit determines the DPLL phase adjustment
algorithm. A logic 0 selects the original phase adjustment algorithm which
has 0.41 UIpp of high frequency jitter tolerance. When ALGSEL is logic 1, the
high frequency jitter tolerance is 0.50 UIpp, but the low frequency tolerance is
approximately 20% lower than the first algorithm.
O162:
If the AMI bit is logic 0, the ITU-T Recommendation O.162 compatibility select
bit (O162) allows selection between two line code definitions:
1. If O162 is a logic 0, a line code violation is indicated if the serial stream
does not match the verbatim HDB3 definition given in Recommendation
G.703. A bipolar violation that is not part of an HDB3 signature or a bipolar
violation in an HDB3 signature that is the same polarity as the last bipolar
violation results in a line code violation indication.
2. If O162 is a logic 1, a line code violation is indicated if a bipolar violation is
of the same polarity as the last bipolar violation, as per ITU-T
Recommendation O.162.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com