Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 107 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 107 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 103Page - PMC-Sierra, Inc PM6344 Datasheet HTML 104Page - PMC-Sierra, Inc PM6344 Datasheet HTML 105Page - PMC-Sierra, Inc PM6344 Datasheet HTML 106Page - PMC-Sierra, Inc PM6344 Datasheet HTML 107Page - PMC-Sierra, Inc PM6344 Datasheet HTML 108Page - PMC-Sierra, Inc PM6344 Datasheet HTML 109Page - PMC-Sierra, Inc PM6344 Datasheet HTML 110Page - PMC-Sierra, Inc PM6344 Datasheet HTML 111Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
94
Register 013H, 093H, 113H, 193H: CDRC Alternate Loss of Signal Status
Bit
Type
Function
Default
Bit 7
R/W
ALTLOSE
0
Bit 6
R
ALTLOSI
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
R
ALTLOS
X
The alternate loss of signal status provides a more stringent criteria for the
deassertion of the alarm.
ALTLOSE:
If the ALTLOSE bit is a logic 1, an interrupt is generated when the ALTLOS
status bit changes state.
ALTLOSI:
The LOSI bit is set high when the ALTLOS status bit changes state. It is
cleared when this register is read.
ALTLOS:
The ALTLOS bit is asserted when the number of consecutive zeros exceeds
the threshold specified by the CDRC Configuration register. The ALTLOS bit
is deasserted only after 255 bit periods during which no sequence of four
zeros has been received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com