Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 104 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 104 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 100Page - PMC-Sierra, Inc PM6344 Datasheet HTML 101Page - PMC-Sierra, Inc PM6344 Datasheet HTML 102Page - PMC-Sierra, Inc PM6344 Datasheet HTML 103Page - PMC-Sierra, Inc PM6344 Datasheet HTML 104Page - PMC-Sierra, Inc PM6344 Datasheet HTML 105Page - PMC-Sierra, Inc PM6344 Datasheet HTML 106Page - PMC-Sierra, Inc PM6344 Datasheet HTML 107Page - PMC-Sierra, Inc PM6344 Datasheet HTML 108Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
91
Register 011H, 091H, 111H, 191H: CDRC Interrupt Enable
Bit
Type
Function
Default
Bit 7
R/W
LCVE
0
Bit 6
R/W
LOSE
0
Bit 5
R/W
HDB3E
0
Bit 4
R/W
Z4DE
0
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
Unused
X
The CDRC Interrupt Enable register allows the setting of specific events to cause
an interrupt on the INTB pin.
The Z4DE, HDB3E, LOSE, and LCVE bits of this register are interrupt enable
bits used to select which of the indications (four consecutive zeros, HDB3
pattern, loss of signal, or line code violation) will generate an interrupt when their
status changes.
The occurrence of any of these events will generate an interrupt if there is a logic
1 in the corresponding bit position. When the EQUAD is reset, Z4DE, HDB3E,
LOSE, and LCVE bits are set to logic 0, disabling any interrupt generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com