Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 111 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 111 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 107Page - PMC-Sierra, Inc PM6344 Datasheet HTML 108Page - PMC-Sierra, Inc PM6344 Datasheet HTML 109Page - PMC-Sierra, Inc PM6344 Datasheet HTML 110Page - PMC-Sierra, Inc PM6344 Datasheet HTML 111Page - PMC-Sierra, Inc PM6344 Datasheet HTML 112Page - PMC-Sierra, Inc PM6344 Datasheet HTML 113Page - PMC-Sierra, Inc PM6344 Datasheet HTML 114Page - PMC-Sierra, Inc PM6344 Datasheet HTML 115Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
98
Registers 017H, 097H, 117H and 197H: Channel Select (24 to 31)
Bit
Type
Function
Default
Bit 7
R/W
CH[31]
0
Bit 6
R/W
CH[30]
0
Bit 5
R/W
CH[29]
0
Bit 4
R/W
CH[28]
0
Bit 3
R/W
CH[27]
0
Bit 2
R/W
CH[26]
0
Bit 1
R/W
CH[25]
0
Bit 0
R/W
CH[24]
0
These registers determine which timeslots (TS) are presented on RDLSIG[x] or
inserted from TDLSIG[x] when the RFRACE1 or TFRACE1 register bit is set to
logic 1 respectively.
If the RFRACE1 register bit is a logic 1, each channel, overhead, or datalink
timeslot for which the associated CH[x] bit is set (e.g. CH[16] corresponds to
TS16) will be presented on the RDLSIG[x] output. The RDLCLK[x] output will
generate a pulse for each extracted bit.
If the TFRACE1 register bit is a logic 1, the serial stream input on TDLSIG[x] will
replace the channel timeslot from BTPCM[x] for which the associated CH[x] bit is
set. The TDLCLK[x] output will generate a pulse to clock in each defined bit.
Note that if CH[0] is set to logic 1, the TDLSIG[x] input will overwrite any framing
and overhead data that would otherwise be inserted into TS0 by the TRAN block.
If CH[16] is set to logic 1, the TDLSIG[x] input will be inserted into TS16
regardless of the settings of the SIGEN and DLEN bits of the TRAN
Configuration register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com