Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 115 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 115 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 111Page - PMC-Sierra, Inc PM6344 Datasheet HTML 112Page - PMC-Sierra, Inc PM6344 Datasheet HTML 113Page - PMC-Sierra, Inc PM6344 Datasheet HTML 114Page - PMC-Sierra, Inc PM6344 Datasheet HTML 115Page - PMC-Sierra, Inc PM6344 Datasheet HTML 116Page - PMC-Sierra, Inc PM6344 Datasheet HTML 117Page - PMC-Sierra, Inc PM6344 Datasheet HTML 118Page - PMC-Sierra, Inc PM6344 Datasheet HTML 119Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
102
Register 01BH, 09BH, 11BH, 19BH: DJAT Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
Reserved
1
Bit 4
R/W
CENT
0
Bit 3
R/W
UNDE
0
Bit 2
R/W
OVRE
0
Bit 1
R/W
SYNC
1
Bit 0
R/W
LIMIT
1
This register controls the operation of the DJAT FIFO read and write pointers and
controls the generation of interrupt by the FIFO status.
Reserved:
This bit should be written to a logic 1 for proper operation.
CENT:
The CENT bit allows the FIFO to self-center its read pointer, maintaining the
pointer at least 4 UI away from the FIFO being empty or full. When CENT is
set to logic 1, the FIFO is enabled to self-center for the next 384 transmit data
bit period, and for the first 384 bit periods following an overrun or underrun
event. If an EMPTY or FULL alarm occurs during this 384 UI period, then the
period will be extended by the number of UI that the EMPTY or FULL alarm
persists. During the EMPTY or FULL alarm conditions, data is lost. When
CENT is set to logic 0, the self-centering function is disabled, allowing the
data to pass through uncorrupted during EMPTY or FULL alarm conditions.
The SYNC bit must be set to logic 0 in order to set the CENT bit to logic 1.
OVRE,UNDE:
The OVRE and UNDE bits control the generation of an interrupt on the
microprocessor INTB pin when a FIFO error event occurs. When OVRE or
UNDE is set to logic 1, an overrun event or underrun event, respectively, is
allowed to generate an interrupt on the INTB pin. When OVRE or UNDE is
set to logic 0, the FIFO error events are disabled from generating an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com