Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 116 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 116 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 112Page - PMC-Sierra, Inc PM6344 Datasheet HTML 113Page - PMC-Sierra, Inc PM6344 Datasheet HTML 114Page - PMC-Sierra, Inc PM6344 Datasheet HTML 115Page - PMC-Sierra, Inc PM6344 Datasheet HTML 116Page - PMC-Sierra, Inc PM6344 Datasheet HTML 117Page - PMC-Sierra, Inc PM6344 Datasheet HTML 118Page - PMC-Sierra, Inc PM6344 Datasheet HTML 119Page - PMC-Sierra, Inc PM6344 Datasheet HTML 120Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
103
SYNC:
The SYNC bit enables the PLL to synchronize the phase delay between the
FIFO input and output data to the phase delay between reference clock input
and smooth output clock at the PLL. For example, if the PLL is operating so
that the smooth output clock lags the reference clock by 24 UI, then the
synchronization pulses that the PLL sends to the FIFO will force its output
data to lag its input data by 24 UI.
LIMIT:
The LIMIT bit enables the PLL to limit the jitter attenuation by enabling the
FIFO to increase or decrease the frequency of the smooth output clock
whenever the FIFO is within one unit interval (UI) of overflowing or
underflowing. This limiting of jitter ensures that no data is lost during high
phase shift conditions. When LIMIT is set to logic 1, the PLL jitter attenuation
is limited. When LIMIT is set to logic 0, the PLL is allowed to operate normally.
Upon reset of the EQUAD, the LIMIT and SYNC bits are set to logic 1, and the
OVRE, UNDE, and CENT bits are set to logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com