Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 113 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 113 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 109Page - PMC-Sierra, Inc PM6344 Datasheet HTML 110Page - PMC-Sierra, Inc PM6344 Datasheet HTML 111Page - PMC-Sierra, Inc PM6344 Datasheet HTML 112Page - PMC-Sierra, Inc PM6344 Datasheet HTML 113Page - PMC-Sierra, Inc PM6344 Datasheet HTML 114Page - PMC-Sierra, Inc PM6344 Datasheet HTML 115Page - PMC-Sierra, Inc PM6344 Datasheet HTML 116Page - PMC-Sierra, Inc PM6344 Datasheet HTML 117Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
100
Register 019H, 099H, 119H, 199H: DJAT Reference Clock Divisor (N1)
Control
Bit
Type
Function
Default
Bit 7
R/W
N1[7]
0
Bit 6
R/W
N1[6]
0
Bit 5
R/W
N1[5]
1
Bit 4
R/W
N1[4]
0
Bit 3
R/W
N1[3]
1
Bit 2
R/W
N1[2]
1
Bit 1
R/W
N1[1]
1
Bit 0
R/W
N1[0]
1
This register defines an 8-bit binary number, N1, which is one less than the
magnitude of the divisor used to scale down the DJAT PLL reference clock input.
The REF divisor magnitude, (N1+1), is the ratio between the frequency of REF
input and the frequency applied to the phase discriminator input.
Writing to this register will reset the PLL and, if the SYNC bit in the DJAT
Configuration register is high, will also reset the FIFO.
Upon reset of the EQUAD, the default value of N1 is set to decimal 47 (2FH).
Consult the Operations section for clarification of divisor selection criteria.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com