Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 117 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 117 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 113Page - PMC-Sierra, Inc PM6344 Datasheet HTML 114Page - PMC-Sierra, Inc PM6344 Datasheet HTML 115Page - PMC-Sierra, Inc PM6344 Datasheet HTML 116Page - PMC-Sierra, Inc PM6344 Datasheet HTML 117Page - PMC-Sierra, Inc PM6344 Datasheet HTML 118Page - PMC-Sierra, Inc PM6344 Datasheet HTML 119Page - PMC-Sierra, Inc PM6344 Datasheet HTML 120Page - PMC-Sierra, Inc PM6344 Datasheet HTML 121Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
104
Register 01CH, 09CH, 11CH, 19CH: ELST Configuration
Bit
Type
Function
Default
Bit 7
R/W
ACCEL
0
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R/W
IR
1
Bit 0
R/W
OR
1
This register controls the format of the expected input frame to the ELST block
and the format of the generated output frame from the ELST block.
ACCEL:
The ACCEL bit is used for production test purposes only. THE ACCEL BIT
MUST BE PROGRAMMED TO LOGIC 0 FOR NORMAL OPERATION.
IR:
The IR bit selects the input frame format. The IR bit must be set to logic 1 to
properly handle the E1 frame format being input into the ELST. SETTING IR
TO LOGIC 0 IS A RESERVED SETTING AND SHOULD NOT BE USED.
OR:
The OR bit selects the output frame format. The OR bit must be set to logic 1
to properly generate the E1 frame format output from the ELST. SETTING
OR TO LOGIC 0 IS A RESERVED SETTING AND SHOULD NOT BE USED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com