Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 121 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 121 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 117Page - PMC-Sierra, Inc PM6344 Datasheet HTML 118Page - PMC-Sierra, Inc PM6344 Datasheet HTML 119Page - PMC-Sierra, Inc PM6344 Datasheet HTML 120Page - PMC-Sierra, Inc PM6344 Datasheet HTML 121Page - PMC-Sierra, Inc PM6344 Datasheet HTML 122Page - PMC-Sierra, Inc PM6344 Datasheet HTML 123Page - PMC-Sierra, Inc PM6344 Datasheet HTML 124Page - PMC-Sierra, Inc PM6344 Datasheet HTML 125Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
108
is checked again in the subsequent frames before checking the next bit
position for frame alignment.
CHKSEQ:
The CHKSEQ bit enables the use of the check sequence to verify the correct
frame alignment in the presence of random imitative frame alignment signals.
A logic 1 in the CHKSEQ bit position enables the use of the check sequence
algorithm in addition to the basic frame find algorithms; a logic 0 disables the
use of the check sequence algorithm.
CASA:
The CASA bit selects one of the two algorithms used to find Channel
Associated Signaling multiframe alignment. A logic 0 in the CASA bit position
selects the G.732-compatible algorithm; a logic 1 selects the alternate
framing algorithm.
REFR:
A transition from logic 0 to logic 1 in the REFR bit position forces the re-
synchronization to a new frame alignment. The bit must be cleared to logic 0,
then set to logic 1 again to generate subsequent re-synchronizations.
REFCRCE:
The REFCRCE bit enables excessive CRC errors (• 915 errors in one
second) to force a re-synchronization to a new frame alignment. Setting the
REFCRCE bit position to logic 1 enables reframe due to excessive CRC
errors; setting the REFCRCE bit to logic 0 disables CRC errors from causing
a reframe.
REFRDIS:
The REFRDIS bit disables reframing under any error condition once frame
alignment has been found; reframing can be initiated by software via the
REFR bit. A logic 1 in the REFRDIS bit position causes the FRMR to remain
"locked in frame" once initial frame alignment has been found. A logic 0
allows reframing to occur based on the various error criteria (FER, excessive
CRC errors, etc.). Note that while the FRMR remains locked in frame due to
REFRDIS=1, a received AIS will not be detected since the FRMR must be
out-of-frame to detect AIS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com