Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 125 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 125 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 121Page - PMC-Sierra, Inc PM6344 Datasheet HTML 122Page - PMC-Sierra, Inc PM6344 Datasheet HTML 123Page - PMC-Sierra, Inc PM6344 Datasheet HTML 124Page - PMC-Sierra, Inc PM6344 Datasheet HTML 125Page - PMC-Sierra, Inc PM6344 Datasheet HTML 126Page - PMC-Sierra, Inc PM6344 Datasheet HTML 127Page - PMC-Sierra, Inc PM6344 Datasheet HTML 128Page - PMC-Sierra, Inc PM6344 Datasheet HTML 129Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
112
Register 023H, 0A3H, 123H, 1A3H: FRMR Maintenance/Alarm Status
Interrupt Enable
Bit
Type
Function
Default
Bit 7
R/W
RRAE
0
Bit 6
R/W
RRMAE
0
Bit 5
R/W
AISDE
0
Bit 4
R/W
T16AISDE
0
Bit 3
R/W
REDE
0
Bit 2
R/W
AISE
0
Bit 1
R/W
FEBEE
0
Bit 0
R/W
CRCEE
0
RRAE, RRMAE, AISDE, T16AISDE, REDE and AISE:
A logic one in bits RRAE, RRMAE, AISDE, T16AISDE, REDE or AISE
enables the generation of an interrupt on a change of state of the RRA,
RRMA, AISD, T16AISD, RED and AIS bits respectively of the FRMR
Maintenance/Alarm Status register.
FEBEE:
When the FEBEE bit is a logic one, an interrupt is generated when a logic
zero is received in the Si bits of frames 13 or 15.
CRCEE:
When the CRCEE bit is a logic one, an interrupt is generated when calculated
CRC differs from the received CRC remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com