Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 126 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 126 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 122Page - PMC-Sierra, Inc PM6344 Datasheet HTML 123Page - PMC-Sierra, Inc PM6344 Datasheet HTML 124Page - PMC-Sierra, Inc PM6344 Datasheet HTML 125Page - PMC-Sierra, Inc PM6344 Datasheet HTML 126Page - PMC-Sierra, Inc PM6344 Datasheet HTML 127Page - PMC-Sierra, Inc PM6344 Datasheet HTML 128Page - PMC-Sierra, Inc PM6344 Datasheet HTML 129Page - PMC-Sierra, Inc PM6344 Datasheet HTML 130Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
113
Register 024H, 0A4H, 124H, 1A4H: FRMR Framing Status Interrupt
Indication
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R
OOFI
X
Bit 5
R
OOSMFI
X
Bit 4
R
OOCMFI
X
Bit 3
R
COFAI
X
Bit 2
R
FERI
X
Bit 1
R
SMFERI
X
Bit 0
R
CMFERI
X
A logic 1 in any bit position of this register indicates which framing status
generated an interrupt by changing state.
OOFI, OOSMFI, OOCMFI, and COFAI:
OOFI, OOSMFI, OOCMFI, and COFAI indicate when the corresponding
status has changed state from logic 0 to logic 1 or vice-versa.
FERI, SMFERI, CMFERI:
FERI, SMFERI, CMFERI indicate when a framing error, signaling multiframe
error or CRC multiframe error event has been detected; these bits will be set
if one or more errors have occurred since the last register read.
The interrupt indications within this register work independently from the interrupt
enable bits, allowing the microprocessor to poll the register to determine the
state of the framer. The contents of this register are cleared to logic 0 after the
register is read; the interrupt is also cleared if it was generated by any of the
Framing Status outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com