Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 127 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 127 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 123Page - PMC-Sierra, Inc PM6344 Datasheet HTML 124Page - PMC-Sierra, Inc PM6344 Datasheet HTML 125Page - PMC-Sierra, Inc PM6344 Datasheet HTML 126Page - PMC-Sierra, Inc PM6344 Datasheet HTML 127Page - PMC-Sierra, Inc PM6344 Datasheet HTML 128Page - PMC-Sierra, Inc PM6344 Datasheet HTML 129Page - PMC-Sierra, Inc PM6344 Datasheet HTML 130Page - PMC-Sierra, Inc PM6344 Datasheet HTML 131Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
114
Register 025H, 0A5H, 125H, 1A5H: FRMR Maintenance/Alarm Status
Interrupt Indication
Bit
Type
Function
Default
Bit 7
R
RRAI
X
Bit 6
R
RRMAI
X
Bit 5
R
AISDI
X
Bit 4
R
T16AISDI
X
Bit 3
R
REDI
X
Bit 2
R
AISI
X
Bit 1
R
FEBEI
X
Bit 0
R
CRCEI
X
A logic 1 in any bit position of this register indicates which maintenance or alarm
status generated an interrupt by changing state.
RRAI, RRMAI, AISDI, T16AISDI, REDI, and AISI:
RRAI, RRMAI, AISDI, T16AISDI, REDI, and AISI indicate when the
corresponding FRMR Maintenance/Alarm Status register bit has changed
state from logic 0 to logic 1 or vice-versa.
FEBEI:
The FEBEI bit becomes a logic one when a logic zero is received in the Si
bits of frames 13 or 15.
CRCEI:
The CRCEI bit becomes a logic one when a calculated CRC differs from the
received CRC remainder.
The bits in this register are set by a single error event.
The interrupt indications within this register work independently from the interrupt
enable bits, allowing the microprocessor to poll the register to determine the
state of the framer. The contents of this register are cleared to logic 0 after the
register is read; the interrupt is also cleared if it was generated by one of the
Maintenance/Alarm Status events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com