Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 123 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 123 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 119Page - PMC-Sierra, Inc PM6344 Datasheet HTML 120Page - PMC-Sierra, Inc PM6344 Datasheet HTML 121Page - PMC-Sierra, Inc PM6344 Datasheet HTML 122Page - PMC-Sierra, Inc PM6344 Datasheet HTML 123Page - PMC-Sierra, Inc PM6344 Datasheet HTML 124Page - PMC-Sierra, Inc PM6344 Datasheet HTML 125Page - PMC-Sierra, Inc PM6344 Datasheet HTML 126Page - PMC-Sierra, Inc PM6344 Datasheet HTML 127Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
110
T16C:
The T16C bit selects the criterion used to declare loss of signaling multiframe
alignment signal when enabled by the SMFASC: a logic 0 in the T16C bit
position enables declaration of loss of signaling multiframe alignment when
time slot 16 contains logic 0 in all bit positions for 1 multiframe; a logic 1 in the
T16C bit position enables declaration of loss of signaling multiframe when
time slot 16 contains logic 0 in all bit positions for 2 consecutive signaling
multiframes.
RADEB:
The RADEB bit selects the amount of debouncing applied to the Remote
Alarm Indication before the RRA is allowed to change state: a logic 0 in the
RADEB bit position enables the RRA output to change to the logic value
contained in the Remote Alarm bit position (bit 3 of NFAS frames) when the
received Remote Alarm bit value has been in the same state for 2
consecutive NFAS frames; a logic 1 in the RADEB bit position enables the
RRA output to change when the Remote Alarm bit has been in the same
state for 3 consecutive NFAS frames.
RMADEB:
The RMADEB bit selects the amount of debouncing applied to the Remote
Signaling Multiframe Alarm Indication before the RRMA is allowed to change
state: a logic 0 in the RMADEB bit position enables the RRMA output to
change to the logic value contained in the Remote Signaling Multiframe
Alarm bit position (bit 6 of time slot 16 of frame 0 of the signaling multiframe)
when the received Remote Signaling Multiframe Alarm bit value has been in
the same state for 2 consecutive signaling multiframes; a logic 1 in the
RMADEB bit position enables the RRMA output to change when the Remote
Signaling Multiframe Alarm bit has been in the same state for 3 consecutive
signaling multiframes.
CMFACT:
The CMFACT bit is an active high status bit indicating that the CRC
Multiframe Find algorithm has been active for more than 8ms, thereby
initiating a reframe if the CRCEN bit is set to logic 1. The CMFACT bit is reset
to logic 0 after the register is read.
EXCRCE:
The EXCRCE bit is an active high status bit indicating that excessive CRC
evaluation errors (i.e. •915 error in one second) have occurred, thereby
initiating a reframe if enabled by the REFCRCE bit of the Frame Alignment
Options register. The EXCRCE bit is reset to logic 0 after the register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com