Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 128 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 128 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 124Page - PMC-Sierra, Inc PM6344 Datasheet HTML 125Page - PMC-Sierra, Inc PM6344 Datasheet HTML 126Page - PMC-Sierra, Inc PM6344 Datasheet HTML 127Page - PMC-Sierra, Inc PM6344 Datasheet HTML 128Page - PMC-Sierra, Inc PM6344 Datasheet HTML 129Page - PMC-Sierra, Inc PM6344 Datasheet HTML 130Page - PMC-Sierra, Inc PM6344 Datasheet HTML 131Page - PMC-Sierra, Inc PM6344 Datasheet HTML 132Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
115
Register 026H, 0A6H, 126H, 1A6H: FRMR Framing Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R
OOF
X
Bit 5
R
OOSMF
X
Bit 4
R
OOCMF
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R/W
8MSDIS
0
Bit 0
R/W
MFASDIS
0
Reading this register returns the current state value of the OOF, OOSMF and
OOCMF FRMR framing status.
OOF:
The OOF bit is a logic one when basic frame alignment has been lost. The
OOF bit goes to a logic zero once frame alignment has been regained.
OOSMF:
The OOSMF bit is a logic one when the signaling multiframe alignment has
been lost. The OOSMF bit becomes a logic zero once signaling multiframe
has been regained.
OOCMF:
The OOCMF bit is a logic one when the CRC multiframe alignment has been
lost. The OOCMF bit becomes a logic zero once CRC multiframe has been
regained.
8MSDIS:
The 8MSDIS bit controls the ability of the 8 ms timer to initiate a reframe
when CRC multi-frame alignment cannot be found. When 8MSDIS is set to
logic 0, the 8 ms timer will initiate a reframe when the CRC Multi-frame Find
algorithm has been active for more than 8 ms. When 8MSDIS is set to logic
1, the 8 ms timer will not initiate a reframe when the CRC Multi-frame Find
algorithm has been active for more than 8 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com