Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 132 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 132 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 128Page - PMC-Sierra, Inc PM6344 Datasheet HTML 129Page - PMC-Sierra, Inc PM6344 Datasheet HTML 130Page - PMC-Sierra, Inc PM6344 Datasheet HTML 131Page - PMC-Sierra, Inc PM6344 Datasheet HTML 132Page - PMC-Sierra, Inc PM6344 Datasheet HTML 133Page - PMC-Sierra, Inc PM6344 Datasheet HTML 134Page - PMC-Sierra, Inc PM6344 Datasheet HTML 135Page - PMC-Sierra, Inc PM6344 Datasheet HTML 136Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
119
Register 028H, 0A8H, 128H, 1A8H: FRMR International/National Bits
Bit
Type
Function
Default
Bit 7
R
Si1
X
Bit 6
R
Si0
X
Bit 5
R
RAWRA
X
Bit 4
R
Sn0
X
Bit 3
R
Sn1
X
Bit 2
R
Sn2
X
Bit 1
R
Sn3
X
Bit 0
R
Sn4
X
Reading this register returns the current bit value of the International and
National bits collected over 2 consecutive frames. The Si1 bit position
corresponds to the value contained in the International bit position in the FAS
frame; the Si0, RAWRA, and Sn[4:0] bit positions correspond to the values
contained in the International, Remote Alarm Indication, and National bit
positions in the NFAS frame. This register is updated after time slot 0 of every
NFAS frame and the contents are valid for 2 frames (250µs). The contents of this
register are latched during the read, however the individual bits should not be
considered to constitute a byte value (i.e. the 5 national bits should not be
considered as indicating 1 of 32 possible values since it is possible that the
individual bits are not all from the same time instant due to the asynchronous
nature of the microprocessor reads). If the bits are to be interpreted as binary
values, care should be taken to ensure a coherent set of bit values by reading
the register at least twice.
The Si0, RAWRA and Sn0-Sn4 bits map to the TSO NFAS as follows:
Bit Position
12
3
4
5
6
7
8
Si0
1
RAWRA
Sn0
Sn1
Sn2
Sn3
Sn4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com