Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 136 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 136 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 132Page - PMC-Sierra, Inc PM6344 Datasheet HTML 133Page - PMC-Sierra, Inc PM6344 Datasheet HTML 134Page - PMC-Sierra, Inc PM6344 Datasheet HTML 135Page - PMC-Sierra, Inc PM6344 Datasheet HTML 136Page - PMC-Sierra, Inc PM6344 Datasheet HTML 137Page - PMC-Sierra, Inc PM6344 Datasheet HTML 138Page - PMC-Sierra, Inc PM6344 Datasheet HTML 139Page - PMC-Sierra, Inc PM6344 Datasheet HTML 140Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
123
Register 02CH, 0ACH, 12CH, 1ACH: TS16 AIS Alarm Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
TS16AISE
0
Bit 5
R
TS16AISI
X
Bit 4
R
T16AIS
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
Unused
X
Reading this register returns the current value of the time slot 16 AIS status.
The TS16 AIS alarm algorithm accumulates the occurrences of TS16AISD (TS16
AIS detection) events. TS16AISD is defined as two consecutive all ones time slot
16 bytes while out of signaling multiframe. Each interval with a valid TS16 AIS
presence indication increments an interval counter which declares TS16 AIS
Alarm when 22 valid intervals have been accumulated. An interval with no valid
TS16 AIS presence indication decrements the interval counter; the TS16 AIS
Alarm declaration is removed when the counter reaches 0. This algorithm
provides a 99.1% probability of declaring an TS16 AIS Alarm within 3.1 ms after
loss of signaling multiframe detection in the presence of a 10-3 mean bit error
rate.
TS16AISE:
If the TS16AISE bit is a logic 1, an interrupt is generated when the TS16AIS
status bit changes state.
TS16AISI:
The TS16AISI bit is set high when the TS16AIS status bit changes state. It is
cleared when this register is read.
TS16AIS:
The TS16AIS bit is a logic one when an all ones condition has persisted in
time slot 16 for 3 ms. The bit returns to a logic zero when the time slot 16 AIS
condition has been absent for 3 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com