Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 140 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 140 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 136Page - PMC-Sierra, Inc PM6344 Datasheet HTML 137Page - PMC-Sierra, Inc PM6344 Datasheet HTML 138Page - PMC-Sierra, Inc PM6344 Datasheet HTML 139Page - PMC-Sierra, Inc PM6344 Datasheet HTML 140Page - PMC-Sierra, Inc PM6344 Datasheet HTML 141Page - PMC-Sierra, Inc PM6344 Datasheet HTML 142Page - PMC-Sierra, Inc PM6344 Datasheet HTML 143Page - PMC-Sierra, Inc PM6344 Datasheet HTML 144Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
127
Register 033H, 0B3H, 133H, 1B3H: TPSC Block Timeslot Indirect Data Buffer
Bit
Type
Function
Default
Bit 7
R/W
D7
0
Bit 6
R/W
D6
0
Bit 5
R/W
D5
0
Bit 4
R/W
D4
0
Bit 3
R/W
D3
0
Bit 2
R/W
D2
0
Bit 1
R/W
D1
0
Bit 0
R/W
D0
0
This register contains either the data to be written into the internal TPSC
registers when a write request is initiated or the data read from the internal TPSC
registers when a read request has completed. During normal operation, if data is
to be written to the internal registers, the byte to be written must be written into
this Data register before the target register's address and R/WB=0 is written into
the Address/Control register, initiating the access. If data is to be read from the
internal registers, only the target register's address and R/WB=1 is written into
the Address/Control register, initiating the request. After 480 ns, this register will
contain the requested data byte.
The internal TPSC registers control the per-timeslot functions on the Transmit
PCM data, provide the per-timeslot Transmit IDLE Code, and provide the per-
timeslot Transmit signaling control and the alternate signaling bits. The functions
are allocated within the registers as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com