Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 135 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 135 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 131Page - PMC-Sierra, Inc PM6344 Datasheet HTML 132Page - PMC-Sierra, Inc PM6344 Datasheet HTML 133Page - PMC-Sierra, Inc PM6344 Datasheet HTML 134Page - PMC-Sierra, Inc PM6344 Datasheet HTML 135Page - PMC-Sierra, Inc PM6344 Datasheet HTML 136Page - PMC-Sierra, Inc PM6344 Datasheet HTML 137Page - PMC-Sierra, Inc PM6344 Datasheet HTML 138Page - PMC-Sierra, Inc PM6344 Datasheet HTML 139Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
122
Register 02BH, 0ABH, 12BH, 1ABH: FRMR CRC Error Counter - MSB
Bit
Type
Function
Default
Bit 7
R
OVR
0
Bit 6
R
NEWDATA
0
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R
CRCE9
X
Bit 0
R
CRCE8
X
This register contains the most significant two bits of the 10-bit CRC error
counter value, updated every second.
NEWDATA:
The NEWDATA flag bit indicates that the counter register contents have been
updated with a new count value accumulated over the last 1 second interval.
It is set to logic 1 when the CRC error counter data is transferred into the
counter registers, and is reset to logic 0 when this register is read. This bit can
be polled to determine the 1 second timing boundary used by the FRMR.
OVR:
The OVR flag bit indicates that the counter register contents have not been
read within the last 1 second interval, and therefore have been over-written. It
is set to logic 1 if CRC error counter data is transferred into the counter
registers before the previous data has been read out, and is reset to logic 0
when this register is read.
This CRC error count is distinct from that of PMON because it is guaranteed to
be an accurate count of the number of CRC error in one second; whereas,
PMON relies on externally initiated transfers which may not be one second apart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com