Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 133 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 133 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 129Page - PMC-Sierra, Inc PM6344 Datasheet HTML 130Page - PMC-Sierra, Inc PM6344 Datasheet HTML 131Page - PMC-Sierra, Inc PM6344 Datasheet HTML 132Page - PMC-Sierra, Inc PM6344 Datasheet HTML 133Page - PMC-Sierra, Inc PM6344 Datasheet HTML 134Page - PMC-Sierra, Inc PM6344 Datasheet HTML 135Page - PMC-Sierra, Inc PM6344 Datasheet HTML 136Page - PMC-Sierra, Inc PM6344 Datasheet HTML 137Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
120
Register 029H, 0A9H, 129H, 1A9H: FRMR Extra Bits
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R
X3
X
Bit 2
R
RAWRMA
X
Bit 1
R
X1
X
Bit 0
R
X0
X
Reading this register returns the current bit value of the Extra bits and the
Remote Signaling Multiframe Alarm collected from time slot 16 of frame 0 of
signaling multiframes. The X3, RAWRMA, X1, X0 bit positions corresponds to
the value contained in bit positions 5, 6, 7, and 8 in time slot 16 of frame 0 of the
signaling multiframe. This register is updated once per signaling multiframe (the
contents remain valid for 2ms). If the X3, X1, X0 bits are to be interpreted as
binary values, care should be taken to ensure a coherent set of bit values by
reading the register at least twice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com