Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 116 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 116 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 112Page - Microchip Technology LAN91C111 Datasheet HTML 113Page - Microchip Technology LAN91C111 Datasheet HTML 114Page - Microchip Technology LAN91C111 Datasheet HTML 115Page - Microchip Technology LAN91C111 Datasheet HTML 116Page - Microchip Technology LAN91C111 Datasheet HTML 117Page - Microchip Technology LAN91C111 Datasheet HTML 118Page - Microchip Technology LAN91C111 Datasheet HTML 119Page - Microchip Technology LAN91C111 Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 117
LAN91C111
TABLE 14-4:
LINK PULSE TIMING CHARACTERISTICS
SYM
Parameter
Limit
Unit
Condition
MIN
TYP
MAX
t42
NLP Transmit Link Pulse Width
See Figure 7-8
nS
t43
NLP Transmit Link Pulse Period
8
24
mS
t44
NLP Receive Link Pulse Width Required
For Detection
50
nS
t45
NLP Receive Link Pulse Minimum Period
Required For Detection
6
7
mS
link_test_min
t46
NLP Receive Link Pulse Maximum
Period Required For Detection
50
150
mS
link_test_max
t47
NLP Receive Link Pulse Required To
Exit Link Fail State
33
3Link
Pulses
lc_max
t48
FLP Transmit Link Pulse Width
100
150
nS
t49
FLP Transmit Clock Pulse to Data Pulse
Period
55.5
62.5
69.5
S
interval_timer
t50
FLP Transmit Clock Pulse to Clock Pulse
Period
111
125
139
S
t51
FLP Transmit Link Pulse Burst Period
8
22
mS
transmit_link_burst_time
r
t52
FLP Receive Link Pulse Width Required
For Detection
50
nS
t53
FLP Receive Link Pulse Minimum Period
Required For Clock Pulse Detection
525
S
flp_test_min_timer
t54
FLP Receive Link Pulse Maximum
Period Required For Clock Pulse
Detection
165
185
S
flp_test_max_timer
t55
FLP Receive Link Pulse Minimum Period
Required For Data Pulse Detection
15
47
S
data_detect_min_timer
t56
FLP Receive Link Pulse Maximum
Period Required For Data Pulse
Detection
78
100
S
data_detect_max_timer
t57
FLP Receive Link Pulse Burst Minimum
Period Required For Detection
5
7
mS
nlp_test_min_timer
t58
FLP Receive Link Pulse Burst Maximum
Period Required For Detection
50
150
mS
nlp_test_max_timer
t59
FLP Receive Link Pulses Bursts
Required To Detect Auto-Negotiation
Capability
33
3Link
Pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com