Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 112 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 112 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 108Page - Microchip Technology LAN91C111 Datasheet HTML 109Page - Microchip Technology LAN91C111 Datasheet HTML 110Page - Microchip Technology LAN91C111 Datasheet HTML 111Page - Microchip Technology LAN91C111 Datasheet HTML 112Page - Microchip Technology LAN91C111 Datasheet HTML 113Page - Microchip Technology LAN91C111 Datasheet HTML 114Page - Microchip Technology LAN91C111 Datasheet HTML 115Page - Microchip Technology LAN91C111 Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 113
LAN91C111
FIGURE 14-12:
RECEIVE TIMING, END OF PACKET - 10 MBPS
TABLE 14-3:
COLLISION AND JAM TIMING CHARACTERISTICS
SYM
Parameter
Limit
Unit
Condition
MIN
TYP
MAX
t38
Rcv Packet Start to COL
Assert Time
200
nS
100Mbps
700
nS
10Mbps
300
nS
10Mbps
t39
Xmt Packet Start to COL
Assert Time
200
nS
100Mbps
700
nS
10Mbps
t40
Start of Packet to Transmit
JAM Packet Start During JAM
500
nS
100Mbps
1500
nS
10Mbps
t41
Xmt Packet Start to COL
Assert Time
200
nS
100Mbps
700
nS
10Mbps
TPI±
DATA
DATA
DATA
DATA
DATA
t37
SOI
t36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com