Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 111 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 111 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 107Page - Microchip Technology LAN91C111 Datasheet HTML 108Page - Microchip Technology LAN91C111 Datasheet HTML 109Page - Microchip Technology LAN91C111 Datasheet HTML 110Page - Microchip Technology LAN91C111 Datasheet HTML 111Page - Microchip Technology LAN91C111 Datasheet HTML 112Page - Microchip Technology LAN91C111 Datasheet HTML 113Page - Microchip Technology LAN91C111 Datasheet HTML 114Page - Microchip Technology LAN91C111 Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 125 page
background image
LAN91C111
DS00002276A-page 112
 2011-2016 Microchip Technology Inc.
t31
Transmit Output Jitter
±0.7
nS pk-pk
100Mbps
±5.5
nS pk-pk
10Mbps
t32
Transmit SOI Pulse Width to
0.3V
250
nS
10Mbps
t33
Transmit SOI Pulse Width to
40mV
4500
nS
10Mbps
t34
LEDn Delay Time
25
mS
t35
LEDn Pulse Width
80
105
mS
FIGURE 14-11:
TRANSMIT TIMING
TABLE 14-2:
RECEIVE TIMING CHARACTERISTICS
SYM
Parameter
Limit
Unit
Condition
MIN
TYP
MAX
t36
Receive Input Jitter
±3.0
nS pk-pk
100Mbps
±13.5
nS pk-pk
10Mbps
t37
SOI Pulse Minimum Width
Required for Idle Detection
125
200
nS
10Mbps
Measure TPI± from last zero
cross to 0.3V point
TABLE 14-1:
TRANSMIT TIMING CHARACTERISTICS
SYM
Parameter
Limit
Unit
Condition
MIN
TYP
MAX
LEDn
TPO±
t34
t30
t35
SOI
t31
TXEN Bit is Set
t33
t32
PREAMBLE
PREAMBLE
DATA
DATA
TPO±
t 30
/J/K/
IDLE
/T/R/
t
31
DATA
IDLE
IDLE
FXO±
100Mbps
10Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com