Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 110 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 110 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 106Page - Microchip Technology LAN91C111 Datasheet HTML 107Page - Microchip Technology LAN91C111 Datasheet HTML 108Page - Microchip Technology LAN91C111 Datasheet HTML 109Page - Microchip Technology LAN91C111 Datasheet HTML 110Page - Microchip Technology LAN91C111 Datasheet HTML 111Page - Microchip Technology LAN91C111 Datasheet HTML 112Page - Microchip Technology LAN91C111 Datasheet HTML 113Page - Microchip Technology LAN91C111 Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 111
LAN91C111
AC TEST TIMING CONDITIONS
Unless otherwise noted, all test conditions are as follows:
1.
VDD = 3.3V +/-5%
2.
RBIAS = 11K +/- 1%, no load
3.
Measurement Points:
4.
TPO±, TPI±: 0.0 V During Data, ±0.3V at start/end of packet
5.
All other inputs and outputs: 1.4 Volts
FIGURE 14-10:
MII TIMING
Parameter
MIN
TYP
MAX
Units
t27
TXD0-TXD3, TXEN100 Delay from TX25 Rising
0
15
ns
t28
RXD0-RXD3, RX_DV, RX_ER Setup to RX25 Rising
10
ns
t29
RXD0-RXD3, RX_DV, RX_ER Hold After RX25 Rising
10
ns
TABLE 14-1:
TRANSMIT TIMING CHARACTERISTICS
SYM
Parameter
Limit
Unit
Condition
MIN
TYP
MAX
t30
Transmit Propagation Delay
60
140
nS
100Mbps
600
nS
10Mbps
t28
t28
t28
t27
t27
t29
t29
TXD0-TXD3
TXEN100
RXD0-RXD3
RX25
RX_DV
RX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com